Part Number Hot Search : 
TB106 AD7729 170M6342 DZ13B 1N4082 D44H11 015020 AD7545TQ
Product Description
Full Text Search
 

To Download SSFP1N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSFP1N60 starmos t power mosfet extremely high dv/dt capability low gate charge qg results in simple drive requirement 100% avalanche tested gate charge minimized very low intrinsic capacitances very good manufacturing repeatability description starmos is a new generation of high voltage n?channel enhancement mode power mosfets. this new technology minimises the jfet effect, increases packing density and reduces the on-resistance. starmos also achieves faster switching speeds through optimised gate layout with planar stripe dmos technology. application switching application absolute maximum ratings parameter max. units i d @tc=25 ? c continuous drain current,v gs @10v 1.0 i d @tc=100 ? c continuous drain current,v gs @10v 0.6 i dm pulsed drain current 4 a p d @t c =25 ? c power dissipation 28 w linear derating factor 0.22 w/ ? c v gs gate-to-source voltage 30 v e as single pulse avalanche energy 33 mj i ar avalanche current 1.0 a e ar repetitive avalanche energy 2.8 mj dv/dt peak diode recovery dv/dt 4.5 v/ns t j t stg operating junction and storage temperature range C 55 to +175 soldering temperature, for 10 seconds 300(1.6mm from case) ? c mounting torque,6-32 or m3 screw 10 ibf in(1.1n m) thermal resistance parameter min. typ. max. units r jc junction-to-case 4.53 r cs case-to-sink,flat,greased surface 0.50 r ja junction-to-ambient 50 ? c/w pin1?gate pin2?drain pin1?source v dss = 600v i d25 = 1.0a r ds(on) = 11.5 1
SSFP1N60 starmos t power mosfet electrical characteristics @t j =25 ? c(unless otherwise specified) parameter min. typ. max. units test conditions v (br)dss drain-to-source breakdown voltage 600 v v gs =0v,i d = 250 a v (br)dss / t j breakdown voltage temp.coefficient 0.6 v/ ? c reference to 25 ? c,i d =250 a r ds(on) static drain-to-source on-resistance 9.3 11.5 v gs =10v,i d =0.5a v gs(th) gate threshold voltage 2.0 4.0 v v ds =v gs ,i d =250 a g fs forward transconductance 0.75 s v ds =40v,i d =0.5a 1 v ds =600v,v gs =0v i dss drain-to-source leakage current 10 a v ds =480v,v gs =0v,t j =150 ? c gate-to-source forward leakage 100 v gs =20v i gss gate-to-source reverse leakage -100 na v gs =-20v q g total gate charge 4.8 6.2 q gs gate-to-source charge 0.7 q gd gate-to-drain("miller") charge 2.7 nc i d =1.1a v ds =480v v gs =10v see t d(on) turn-on delay time 7 24 t r rise time 21 52 t d(off) turn-off delay time 13 36 t f fall time 27 64 ns v dd =300v i d =1.1a r g =25 ? l d internal drain inductance 4.5 l s internal source inductance 7.5 nh between lead, 6mm(0.25in.) from package and center of die contact c iss input capacitance 130 170 c oss output capacitance 19 25 c rss reverse transfer capacitance 3.5 4.5 pf v gs =0v v ds =25v f =1.0mh z source-drain ratings and characteristics parameter min. typ. max. units test conditions i s continuous source current . (body diode) 1 i sm pulsed source current . (body diode) 4 a mosfet symbol showing the integral reverse p-n junction diode. v sd diode forward voltage 1.4 v t j =25 ? c,i s =0.5a,v gs =0v t rr reverse recovery time 190 ns q rr reverse recovery charge 0.53 nc t j =25 ? c,i f =1.1a di/dt=100a/ s t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls + l d ) notes: repetitive rating;pulse width limited by i sd 1.1a,di/dt 200a/ s,v dd v (br)dss , max.junction temperature(see figure 11) tj 25 ? c l = 59mh, ias =1.1 a, vdd = 50v, pulse width 300 s; duty cycle 2% rg = 25 , starting tj = 25c 2


▲Up To Search▲   

 
Price & Availability of SSFP1N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X